Part Number Hot Search : 
VSKDS403 SBL10 KBP02 MH1362 SS69R KA558 4ALVCH16 09SH3
Product Description
Full Text Search
 

To Download DTC124EA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc124em / dtc124ee / dtc124eua / transistor dtc124eka / dtc124esa digital transistors (built-in resistors) dtc124em / dtc124ee / dtc124eua / dtc124eka / dtc124esa ! features 1) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). 2) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. 3) only the on / off conditions need to be set for operation, making device design easy. ! ! ! ! structure npn digital transistor (with built-in resistors) ! ! ! ! equivalent circuit r 1 r 2 in gnd out in gnd out ! ! ! ! external dimensions (units : mm) (1) in (2) gnd (3) out 0~0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) rohm : vmt3 dtc124em abbreviated symbol : 25 abbreviated symbol : 25 0.2 0.2 0.5 0.5 1.0 0.1 1.6 0.2 0.3 0.8 0.1 1.6 0.2 0.55 0.1 0.7 0.1 0.15 0.05 0.1min. (3) (2) (1) 0~0.1 ? 0.05 + 0.1 + 0.1 ? 0.05 + 0.1 ? 0.05 (1) gnd (2) in (3) out rohm : emt3 dtc124ee 3 0.2 (15min.) 4 0.2 2 0.2 0.45 0.5 0.45 5 (1) (2) (3) ? 0.05 + 0.15 + 0.15 ? 0.05 2.5 + 0.4 ? 0.1 3min. (1) gnd (2) out (3) in rohm : spt eiaj : sc-72 dtc124esa abbreviated symbol : 25 0~0.1 2.8 0.2 1.6 0.3min. 1.1 0.8 0.1 0.15 0.4 2.9 0.2 1.9 0.2 0.95 0.95 + 0.2 ? 0.1 ? 0.1 + 0.2 + 0.1 ? 0.06 + 0.1 ? 0.05 (2) (1) (3) (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dtc124eka all terminals have same dimensions abbreviated symbol : 25 0~0.1 (2) (1) (3) 0.1min. 2.1 0.1 1.25 0.1 0.9 0.1 0.2 0.7 0.1 0.15 0.05 0.3 2.0 0.2 1.3 0.1 0.65 0.65 + 0.1 ? 0 (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 dtc124eua all terminals have same dimensions
dtc124em / dtc124ee / dtc124eua / transistor dtc124eka / dtc124esa ! ! ! ! absolute maximum ratings (ta=25 c) limits(dtc124e ) parameter symbol v cc 150 200 300 50 ? 10~ + 40 30 100 150 ? 55~ + 150 e m uakasa v v ma mw c c v in i o i c(max.) pd tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature ! ! ! ! electrical characteristics (ta=25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? 3 ? ? ? 15.4 56 0.8 ?? ? ?? 0.1 ? ? 22 ? 1 250 0.5 0.3 0.36 0.5 28.6 ? 1.2 v v cc = 5v, i o = 100 a v o = 0.2v, i o = 5ma i o /i i = 10ma/0.5ma v i = 5v v cc = 50v, v i = 0v v o = 5v, i o = 5ma v ce = 10v, i e =? 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? transition frequency of the device ! ! ! ! packaging specifications tl umt3 emt3 smt3 spt dtc124ee dtc124em type dtc124eua 3000 t2l vmt3 8000 t106 3000 t146 3000 tp 5000 dtc124eka dtc124esa ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package packaging type taping taping taping taping taping code basic ordering unit (pieces)
dtc124em / dtc124ee / dtc124eua / transistor dtc124eka / dtc124esa ! ! ! ! electrical characteristic curves input voltage : v i(on) (v) output current : i o (a) 100 200 500 1m 2m 5m 10m 20m 50m 100m 100 50 20 10 5 2 1 500m 200m 100m v o = 0.2v ta =? 40 c 25 c 100 c fig.1 input voltage vs. output current (on characteristics) input voltage : v i(off) (v) output current : io (a) 0 3.0 10m 1 2m 5m 1m 200 500 100 20 50 10 2 5 0.5 1.0 1.5 2.0 2.5 v cc = 5v ta = 100 c 25 c ? 40 c fig.2 output current vs. input voltage (off characteristics) output current : i o (a) dc current gain : g i v o = 5v 1k 500 200 100 50 20 10 5 2 1 100 200 500 1m 2m 5m 10m 20m 50m 100m ta = 100 c 25 c ? 40 c fig.3 dc current gain vs. output current output current : i o (a) output voltage : v o(on) (v) 100 200 500 1m 2m 5m 10m 20m 50m 100m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m l o /l i = 20 ta = 100 c 25 c ? 40 c fig.4 output voltage vs. output current


▲Up To Search▲   

 
Price & Availability of DTC124EA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X